Part Number Hot Search : 
42021 ACS20K B4179 KBPC35 TR3B686 DEN802 LTC1096 3KP120
Product Description
Full Text Search
 

To Download 2SD2599 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2599
DESCRIPTION With TO-3P(H)IS package High voltage;high speed Low saturation voltage Bult-in damper diode APPLICATIONS Horizontal deflection output for color TV
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 1500 600 5 Collector-base voltage Open emitter Collector-emitter voltage Open base Emitter-base voltage Open collector Collector current Collector current-peak Base current Total power dissipation Junction temperature Storage temperature TC=25ae 3.5 7 1 40 150 -55~150
UNIT V V V A A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2599
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Diode forward voltage Collector output capacitance Transition frequency CONDITIONS IC=300mA ;IB=0 IC=3A; IB=0.8A IC=3A; IB=0.8A VCB=1500V; IE=0 VEB=5V; IC=0 IC=0.5A ; VCE=5V IF=3.5A IE=0 ; VCB=10V,f=1MHz 66 8 1.5 55 3 MIN 5 5 0.9 8 1.5 1 200 25 2.0 V pF MHz TYP. MAX UNIT V V V mA mA
SYMBOL V(BR)EBO VCEsat VBEsat ICBO IEBO hFE VF Cob fT
Switching times : ts tf
TOR NDU ICO E SEM ANG INCH
IC=0.1A ; VCE=10V Storage time 7.5 10 ICP=3A;IB1=0.8A fH =15.75kHz Fall time 0.5
|I |I
s s
1.0
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2599
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions (unindicated tolerance:A 0.20 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2599
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SD2599

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X